Part Number Hot Search : 
74HC2 L7400 2SJ632 MBR340 PBP5436 SF2045A MC34731 MT240
Product Description
Full Text Search
 

To Download NSL-4572 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 cogan ave, plattsburgh northwich, cheshire 2150 ward, montreal ny, 12901, usa cw9 7tn, united king dom qc, h4m 1t7, canada tel: 518-561-3160 tel : 01606-41999 tel: 514-744-5507 fax: 514-747-3906 fax: 01606-49706 fax: 514-747-3906 to-5 photocells plastic encapsulated features five photoconductive materials tolerance: 40% @1 ftc, 33% @ 2 ftc description the silonex to-5 series of photocells provide up to seven standard resistance ranges in cds or cdse materials. most of these devices are also available in a hermetic package. absolute maximum ratings operating & storage temperature -60 c to +75 c power dissipation @ 25 c (1) 125 mw 31 min. 4.9 - 5.2 7.0 - 7.5 shoulder 1.4 max dia. x 0.7 max high lead dia. 0.50 - 0.52 * note: available as 3.0 mm thick, on special order only. dimensions in mm. 1.8 - 2.4* 6.1 - 6.6 electrical characteristics (t a =25 c, source at 2854 k ) silonex part no sensitive material spectral peak (nm) r @ 1 ftc ( kohms) (3) r @ 2 ftc ( kohms) (3) r typ @ 100 ftc (ohms) min. r dark ( mohms) (2) v max (volts) (peak ac or dc) nsl-4512 nsl-4522 nsl-4532 nsl-4542 nsl-4552 nsl-4562 NSL-4572 type 4 cds 515 43 18.6 8.0 3.5 330 155 65 1,000 400 230 120 8,000 4,600 3,800 2.5 1.0 0.40 0.10 20.0 10.0 4.0 120 120 120 120 320 320 320 nsl-5512 nsl-5522 nsl-5532 nsl-5542 nsl-5552 nsl-5562 nsl-5572 type 5 cds 550 3.3 10 165 30 30 (4) 37.5 (5) 47.5 (6) 300 700 10,000 1,000 1,000 1,200 2,000 0.22 0.67 11.0 20.0 10.0 10.0 1.0 120 120 320 120 120 120 120 nsl-6512 nsl-6522 nsl-6532 type 6 cdse 690 0.60 1.2 30 50 100 2,000 0.40 0.80 20.0 120 120 320 nsl-7512 nsl-7522 nsl-7532 nsl-7542 nsl-7552 type 7 cds 615 2.7 5.4 10 100 600 250 500 500 5,000 20,000 0.45 0.90 6.7 67.0 400.0 120 120 120 250 320 specifications subject to change without notice. 103259 rev 2 notes: (1) derate linearly to zero at 75 c. (2) 5 sec. after removal of test light (3) cells light adapted at 30 to 50 ftc for 16 hrs minimum prior to electrical tests. (4) 50% (5) 60% (6) 70%


▲Up To Search▲   

 
Price & Availability of NSL-4572

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X